Part Number Hot Search : 
MAX6192B HCT1G 74HCT EC100 EC100 FQA40N25 A7303 LTC34
Product Description
Full Text Search
 

To Download ACT-RS128K32N-035F1Q Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  eroflex circuit technology - advanced multichip modules ? scd3659 rev 3 12/17/98 128kx8 128kx8 128kx8 128kx8 ce 4 oe a 0 ? a 16 i/o 0-7 i/o 8-15 i/o 16-23 i/o 24-31 8 8 8 8 ce 3 we ce 1 ce 2 block diagram ? pga type package(p1) & cqfp(f2) 128kx8 128kx8 128kx8 128kx8 ce 4 oe a 0 ? a 16 i/o 0-7 i/o 8-15 i/o 16-23 i/o 24-31 8 8 8 8 ce 3 we 4 we 3 we 2 we 1 ce 1 ce 2 block diagram ? cqfp(f1) pin description i/o 0-31 data i/o a 0?16 address inputs we 1?4 write enables ce 1?4 chip enables oe output enable v cc power supply gnd ground nc not connected pin description i/o 0-31 data i/o a 0?16 address inputs we write enable ce 1?4 chip enables oe output enable v cc power supply gnd ground nc not connected general description the act?rs128k32 is a high speed 4 megabit cmos sram multichip module (mcm) designed for full temperature range, military, space, or high reliability mass memory and fast cache applications. the mcm can be organized as a 128k x 32 bits, 256k x 16 bits or 512k x 8 bits device and is input and output ttl compatible. writing is executed when the write enable ( we ) and chip enable ( ce ) inputs are low. reading is accomplished when we is high and ce and output enable ( oe ) are both low. access time grades of 35ns and 45ns maximum are standard. the +5 volt power supply version is standard. the products are designed for operation over the temperature range of -55c to +125c and screened under the full military environment. desc standard military drawing (smd) part numbers are pending. the act-rs128k32 is manufactured in aeroflex?s 80,000ft 2 mil-prf-38534 certified facility in plainview, n.y. features n 4 low power cmos 128k x 8 srams in one mcm n overall configuration as 128k x 32 n tolerant to 30krad (si) n latch-up immunity to 112mev/(mg/cm 2 ) n input and output ttl compatible n 35 & 45ns access times n full military (-55c to +125c) temperature range n for class k devices per mil-prf-38534 - consult factory n +5v power supply n choice of 4 hermetically sealed co-fired packages: l 68?lead, low profile cqfp (f1), 1.56"sq x .140"max l 68?lead, dual-cavity cqfp (f2), .88"sq x .20"max (.18"max thickness available, contact factory for details) (drops into the 68 lead jedec .99"sq cqfj footprint) l 66?lead, pga-type (p1), 1.385"sq x .245"max n internal decoupling capacitors circuit technology www.aeroflex.com/act1.htm 4 megabit sram multichip module act?rs128k32 high speed rad tolerant preliminary
aeroflex circuit technology act-rs128k32 scd3659 rev 3 12/17/98 plainview ny (516) 694-6700 2 absolute maximum ratings symbol rating range units t c case operating temperature -55 to +125 c t stg storage temperature -65 to +150 c p d maximum package power dissipation f1 & p1 packages 4.4 w f2 package 3.3 w ? j-c hottest die, max thermal resistance - junction to case f1 & p1 packages 2.0 c/w f2 package 8.0 c/w v g maximum signal voltage to ground -0.5 to +7 v t l maximum lead temperature (10 seconds) 300 c normal operating conditions symbol parameter minimum maximum units v cc power supply voltage +4.5 +5.5 v v ih input high voltage +2.2 v cc + 0.3 v v il input low voltage -0.5 +0.8 v truth table mode ce oe we data i/o power standby h x x high z standby (deselect/power down) read l l h data out active read l h h high z active (deselected) write l x l data in active capacitance ( f = 1mhz, t c = 25c ) symbol parameter maximum units c a d a 0 ? a 16 capacitance 50 pf c o e oe capacitance 50 pf c w e cqfp(f1) package 50 pf pga(p1) and cqfp(f2) packages 20 pf c c e chip enable capacitance 20 pf c i / o i/o 0 ? i/o 31 capacitance 20 pf capacitance is guaranteed by design but not tested. dc characteristics (4.5vdc < v c c < 5.5vdc, v s s = 0v, t c = -55c to +125c, unless otherwise specified) parameter sym conditions ?035 min max ?045 min max units input leakage current i li v cc = max, v in =0orv cc 10 10 a output leakage current i lo ce = v ih , oe = v ih , v out =0orv cc 10 10 a operating supply current 32 bit mode i cc x32 ce = v il , oe = v ih , f = 5 mhz , v cc = max, cmos compatible 500 600 ma
aeroflex circuit technology act-rs128k32 scd3659 rev 3 12/17/98 plainview ny (516) 694-6700 3 standby current i sb ce = v ih , oe = v ih , f = 5 mhz , v cc = max, cmos compatible 30 30 ma output low voltage v ol i ol = 8 ma, v cc = min 0.4 0.4 v output high voltage v oh i oh = -4.0 ma, v cc = min 2.4 2.4 v ac characteristics (v c c = 5.0v, v s s = 0v, t c = -55c to +125c) read cycle parameter sym ?035 min max ?045 min max units read cycle time t rc 35 45 ns address access time t aa 35 45 ns chip enable access time t ace 35 45 ns chip enable to output in low z* t clz 3 3 ns output enable to output in low z* t olz 0 0 ns chip deselect to output in high z* t chz 20 20 ns output disable to output in high z* t ohz 10 15 ns * parameters guaranteed by design but not tested write cycle parameter sym ?035 min max ?045 min max units write cycle time t wc 35 45 ns chip enable to end of write t cw 25 35 ns address valid to end of write t aw 25 35 ns data valid to end of write t dw 18 20 ns write pulse width t wp 25 35 ns address setup time t as 0 0 ns write to output in high z * t whz 10 15 ns data hold from write time t dh 0 0 ns address hold time t ah 0 0 ns * parameters guaranteed by design but not tested data retention electrical characteristics (special order only) (t c = -55c to +125c) parameter sym test conditions all speeds min max units v cc for data retention v dr ce 3 v cc ? 0.2v 2 5.5 v data retention current i ccdr1 v cc = 3v, 35 & 45ns 4 ma dc characteristics (continued) (4.5vdc < v c c < 5.5vdc, v s s = 0v, t c = -55c to +125c, unless otherwise specified) parameter sym conditions ?035 min max ?045 min max units
aeroflex circuit technology act-rs128k32 scd3659 rev 3 12/17/98 plainview ny (516) 694-6700 4 d i/o t rc t oh t aa data valid previous data valid t o e high z t o h z read cycle timing diagrams data valid t c l z ce oe t a c e t c h z undefined don?t care read cycle 2 ( we = v i h ) write cycle 2 (ce controlled, oe = v i h ) t c w t a s t w p t d w t o w ce we data valid write cycle 1 ( we controlled, oe = v i l ) d i/o ac test circuit i o l parameter typical units input pulse level 0 ? 3.0 v input rise and fall 5 ns input and output timing reference level 1.5 v output lead capacitance 50 pf notes: 1) v z is programmable from -2v to +7v. 2) i o l and i o h programmable from 0 to 16 ma. 3) tester impedance z o =75 w. 4) v z is typically the midpoint of v o h and v o l . 5) i o l and i o h are adjusted to simulate a typical resistance load circuit. 6) ate tester includes jig capacitance. i o h to device under test v z ~ 1.5 v (bipolar supply) current source current source c l = 50 pf t w c t a w t a h t rc t a a t o l z s e e n o t e s e e n o t e s e e n o t e s e e n o t e note: guaranteed by design, but not tested. d i/o t d h t w h z s e e n o t e read cycle 1 ( ce = oe = v i l , we = v i h ) write cycle timing diagrams t w p t d w data valid t w c t a w t a h d i/o t d h ce we t c w t a s a 0-16 a 0-16 a 0-16 a 0-16 s e e n o t e note: guaranteed by design, but not tested. timing diagrams
aeroflex circuit technology act-rs128k32 scd3659 rev 3 12/17/98 plainview ny (516) 694-6700 5 pin numbers & functions 66 pins ? pga-type pin # function pin # function pin # function pin # function 1 i/o 8 18 a 12 35 i/o 25 52 we 3 2 i/o 9 19 vcc 36 i/o 26 53 ce 3 3 i/o 10 20 ce 1 37 a 6 54 gnd 4 a 13 21 nc 38 a 7 55 i/o 19 5 a 14 22 i/o 3 39 nc 56 i/o 31 6 a 15 23 i/o 15 40 a 8 57 i/o 30 7 a 16 24 i/o 14 41 a 9 58 i/o 29 8 nc 25 i/o 13 42 i/o 16 59 i/o 28 9 i/o 0 26 i/o 12 43 i/o 17 60 a 0 10 i/o 1 27 oe 44 i/o 18 61 a 1 11 i/o 2 28 nc 45 v c c 62 a 2 12 we 2 29 we 1 46 ce 4 63 i/o 23 13 ce 2 30 i/o 7 47 we 4 64 i/o 22 14 gnd 31 i/o 6 48 i/o 27 65 i/o 21 15 i/o 11 32 i/o 5 49 a 3 66 i/o 20 16 a 10 33 i/o 4 50 a 4 17 a 11 34 i/o 24 51 a 5 bottom view side view "p1" ? 1.385" sq pga type package standard 1.400 sq 1.000 .600 1.000 .100 typ pin 56 pin 66 pin 11 pin 1 max .020 .016 .100 .025 .035 .245 max .145 min all dimensions in inches typ typ typ typ
aeroflex circuit technology act-rs128k32 scd3659 rev 3 12/17/98 plainview ny (516) 694-6700 6 pin numbers & functions 68 pins ? cqfp pin # function pin # function pin # function pin # function 1 gnd 18 gnd 35 oe 52 gnd 2 ce 1 19 i/o 8 36 ce 4 53 i/o 23 3 a 5 20 i/o 9 37 nc 54 i/o 22 4 a 4 21 i/o 10 38 nc 55 i/o 21 5 a 3 22 i/o 11 39 nc 56 i/o 20 6 a 2 23 i/o 12 40 nc 57 i/o 19 7 a 1 24 i/o 13 41 nc 58 i/o 18 8 a 0 25 i/o 14 42 nc 59 i/o 17 9 nc 26 i/o 15 43 nc 60 i/o 16 10 i/o 0 27 v c c 44 i/o 31 61 v c c 11 i/o 1 28 a 11 45 i/o 30 62 a 10 12 i/o 2 29 a 12 46 i/o 29 63 a 9 13 i/o 3 30 a 13 47 i/o 28 64 a 8 14 i/o 4 31 a 14 48 i/o 27 65 a 7 15 i/o 5 32 a 15 49 i/o 26 66 a 6 16 i/o 6 33 a 16 50 i/o 25 67 we 17 i/o 7 34 ce 2 51 i/o 24 68 ce 3 all dimensions in inches package outline ? cqfp "f1" 1.50 1.575 sq max .015 .003 .800 .480 min (4 sides) pin 61 pin 9 pin 43 pin 27 pin 44 pin 1 (4 sides) .200 ref (16 at .050 4 sides) pin 60 pin 26 pin 10 .140 max .010 .050 .005 .060 ref ref .002
aeroflex circuit technology act-rs128k32 scd3659 rev 3 12/17/98 plainview ny (516) 694-6700 7 pin numbers & functions 68 pins ? dual-cavity cqfp pin # function pin # function pin # function pin # function 1 gnd 18 gnd 35 oe 52 gnd 2 ce 3 19 i/o 8 36 ce 2 53 i/o 23 3 a 5 20 i/o 9 37 nc 54 i/o 22 4 a 4 21 i/o 10 38 we 2 55 i/o 21 5 a 3 22 i/o 11 39 we 3 56 i/o 20 6 a 2 23 i/o 12 40 we 4 57 i/o 19 7 a 1 24 i/o 13 41 nc 58 i/o 18 8 a 0 25 i/o 14 42 nc 59 i/o 17 9 nc 26 i/o 15 43 nc 60 i/o 16 10 i/o 0 27 v cc 44 i/o 31 61 v c c 11 i/o 1 28 a 11 45 i/o 30 62 a 10 12 i/o 2 29 a 12 46 i/o 29 63 a 9 13 i/o 3 30 a 13 47 i/o 28 64 a 8 14 i/o 4 31 a 14 48 i/o 27 65 a 7 15 i/o 5 32 a 15 49 i/o 26 66 a 6 16 i/o 6 33 a 16 50 i/o 25 67 we1 17 i/o 7 34 ce 1 51 i/o 24 68 ce 4 top view all dimensions in inches package outline ? dual-cavity cqfp "f2" .015 .990 sq .010 .890 sq max .800 ref .050 see detail ?a? detail ?a? *.200 max .010 ref +3/ 0 .040 .010 r .010 nom typ .002 pin 60 pin 44 pin 43 pin 27 pin 26 pin 10 pin 9 *.180 max available, call factory for details ref .005 .010 ref .010 .002 note: metallic lids and walls ? both sides pin 1 pin 61
aeroflex circuit technology act-rs128k32 scd3659 rev 3 12/17/98 plainview ny (516) 694-6700 8 ordering information model number desc part number speed package act?rs128k32n?035f1q 5962?tbd 35ns 1.56"sq cqfp act?rs128k32n?035f2q 5962?tbd .88"sq cqfp act?rs128k32n?035p1q 5962?tbd 1.385"sq pga-type act?rs128k32n?045f1q 5962?tbd 45ns 1.56"sq cqfp act?rs128k32n?045f2q 5962?tbd .88"sq cqfp act?rs128k32n?045p1q 5962?tbd 1.385"sq pga-type act? rs 128k 32 n? 035 f2 m aeroflex circuit model number breakdown technology memory type rs = radiation tolerant sram memory depth, locations options memory width, bits n = none memory speed, ns package type & size surface mount packages thru-hole packages f1 = 1.56"sq 68 pin cqfp p1 =1.385"sq pga 66 pins f2 = .88"sq 68 pin dual-cavity cqfp c = commercial temp, 0c to +70c i = industrial temp, -40c to +85c t = military temp, -55c to +125c m = military temp, -55c to +125c, screened * q = mil-std-883 compliant/smd if applicable screening * screened to the individual test methods of mil-std-883 circuit technology aeroflex circuit technology 35 south service road plainview new york 11803 telephone: (516) 694-6700 fax: (516) 694-6715 toll free inquiries: (800) 843-1553 specifications subject to change without notice www.aeroflex.com/act1.htm e-mail: sales-act@aeroflex.com


▲Up To Search▲   

 
Price & Availability of ACT-RS128K32N-035F1Q

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X